Part Number Hot Search : 
URF0610 332M0 2K400 EMS8E XN4506 OP400 CS8530 NTD4858
Product Description
Full Text Search
 

To Download KBPC5012P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBPC50P SERIES
Pb
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! Diffused Junction A C G ~ + ~ C C ~ D + A C G Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Epoxy Case for ~ Maximum Heat Dissipation D ! Case to Terminal Isolation Voltage 2500V ! Recognized File # E157705 H
H E B
KBPC-P KBPC-PW
Mechanical Data
! ! ! ! ! ! ! ! Case: Molded Plastic with Heatsink, Available in Both Low Profile and Standard Case Terminals: Plated Faston Lugs or Wire Leads, Add "W" Suffix to Indicate Wire Leads Polarity: As Marked on Case Mounting: Through Hole with #10 Screw Mounting Torque: 23 cm-kg (20 in-lbs) Max. Weight: 21 grams (KBPC-P); 18 grams (KBPC-PW) Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E B
Dim A B C D E G H
KBPC-P KBPC-PW Low Profile / Standard Low Profile / Standard Min Max Min Max 28.40 28.70 28.40 28.70 7.50 / 10.97 8.50 / 11.23 7.50 / 10.97 8.50 / 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.50 / 22.86 23.50 / 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBPC50 00P 50 35 01P 100 70 02P 200 140 04P 400 280 06P 600 420 50 450 1.1 10 500 800 400 1.6 2500 -65 to +150 08P 800 560 10P 12P 14P 16P
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 60C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg @IF = 25A
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RJC VISO Tj, TSTG
Unit
1000 1200 1400 1600 700 840 980 1120
V V A A V A A2s pF C/W V C
Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 125C I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance per leg (Note 2) RMS Isolation Voltage from Case to Leads Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case, mounted on heatsink.
KBPC50P SERIES
1 of 4
(c) 2006 Won-Top Electronics
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 220 x 220 x 50 mm AL plate heatsink
60
IF, INSTANTANEOUS FORWARD CURRENT (A)
80
100
10
40
1.0
20
0.1
Tj = 25 C
Resistive or Inductive load
Pulse Width = 300 s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TA , AMBIENT TEMPERATURE ( C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
600
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25 C
450
Cj, CAPACITANCE (pF)
Tj = 150 C
300
100
150
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125 C
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT ( A)
10
1.0
0.1
Tj = 25 C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
KBPC50P SERIES
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
KBPC-P KBPC-PW
+ WTE AC KBPC50xxP
WTE KBPC50xxP xx Polarity = Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body WTE KBPC50xxPW xx Polarity
AC + WTE KBPC50xxPW
= Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 195 x 195 x 40 195 x 195 x 40 Quantity (PCS) 50 50 Carton Size L x W x H (mm) 405 x 205 x 240 405 x 205 x 240 Quantity (PCS) 500 500 Approx. Gross Weight (KG) 12.0 11.0
Case Style KBPC-P KBPC-PW
Note: 1. Paper box, white or brown color.
KBPC50P SERIES
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBPC5000P KBPC5000PW KBPC5001P KBPC5001PW KBPC5002P KBPC5002PW KBPC5004P KBPC5004PW KBPC5006P KBPC5006PW KBPC5008P KBPC5008PW KBPC5010P KBPC5010PW KBPC5012P KBPC5012PW KBPC5014P KBPC5014PW KBPC5016P KBPC5016PW
1. 2.
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBPC5000P-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
KBPC50P SERIES
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of KBPC5012P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X